Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download 12CWQ10FNPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21090 rev. A 05/06
12CWQ10FNPBF
SCHOTTKY RECTIFIER 12 Amp
IF(AV) = 12Amp VR = 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 6 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V The 12CWQ10FNPBF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Center tap configuration Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
12 100 330 0.65
- 55 to 150
C
Case Styles
Base Common Cathode
4
2 Common 1 Cathode
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
Voltage Ratings
Part number
V R Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
12CWQ10FNPBF
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR (Per Leg) (Per Device)
12CWQ... Units
6 12 330 110 6 1 A mJ A A
Conditions
50% duty cycle @ TC = 135C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
Max.PeakOneCycleNon-Repetitive Surge Current * See Fig. 7(Per Leg) Non-Repetit. AvalancheEnergy(PerLeg) RepetitiveAvalancheCurrent(PerLeg)
TJ = 25 C, IAS = 1 Amps, L = 12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
12CWQ... Units
0.80 0.95 0.65 0.78 1 4 0.47 20.68 183 5.0 V V V V mA mA V
m
Conditions
@ 6A @ 12A @ 6A @ 12A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typ. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
12CWQ... Units
-55 to 150 -55 to 150 3.0 1.5 0.3 (0.01) g (oz.) C C
Conditions
RthJC Max. Thermal Resistance (Per Leg) Junction to Case wt Approximate Weight Case Style Marking Device
(*) dPtot dTj < 1 Rth( j-a)
C/W DC operation
* See Fig. 4
(PerDevice)
D-Pak 12CWQ10FN
Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
1000
100 10 1 0.1 0.01 0.001 0.0001 TJ= 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I F (A)
100
R everse Current - I R (mA)
0
10 20 30 40 50 60 70 80 90 100 Reverse Voltage - V R (V)
TJ = 150C TJ = 125C 10
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 Junction Capacitanc e - C T (pF)
TJ = 25C
TJ= 25C
100
1
0
0.5
1
1.5
2
2.5
3
3.5
10
0
20
40
60
80
100
Forward Voltage Drop - VFM (V)
Reverse Voltage - V R(V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
0.1 Notes: S ingle Pulse (T hermal R esistanc e) 0.01 0.00001 0.0001 0.001 0.01
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak T = PDM x Z thJC+ TC J 0.1 1
t 1 , Rectangular Pulse Duration (S onds) ec
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
150 Allowable Case T emperature - (C)
Average Power Loss - (Watts)
6 5 4 3 2 1 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit DC
145 DC 140 135 130 125
see note (2)
S quare wave (D = 0.50) 80% Rated V R applied
120
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive S urge Current - I FSM (A) 1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
At Any R ated Load Condition And With Rated V RRM Applied Following S urge
100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
PART NUMBER
12CWQ10FN
THIS IS A 12CWQ10FN INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
Tape & Reel Information
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
12CWQ10FNPBF
Bulletin PD-21090 rev. A 05/06
Ordering Information Table
Device Code
12
1
C
2
W
3
Q
4
10
5
FN TRL PbF
6 7 8
1 2 3 4 4 5 6 7
-
Current Rating (12A) Center Tap ConfigurationPackage Identifier W = D-Pak Schottky "Q" Series Voltage Rating (10 = 100V) FN = TO-252AA none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Consumer Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 12CWQ10FNPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X